Part Number Hot Search : 
587P8915 LTC40 XXXBB 23K014 CXXXXT AM4535C BCM857BV 2N7002W
Product Description
Full Text Search
 

To Download EX-240-DAD-308F-128000MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ex-240 evacuated miniature oven controlled crystal oscillator emxo tm vectron international - 267 lowell road, hudson, nh 03051 - tel: 1-88-vectron-1 - web: www.vectron.com - 1 - ex-240 series evacuated miniature crystal oscillator emxo tm description description description description the ex-240 series offers a ruggedized hybrid thick fi lm construction in a low profile hermetically sealed 16pin ddil package, which can wi thstand severe environmental conditions. this product utilizes vis emxo tm technology resulting in excellent stability performance and fast warm-up with low power consumpti on. features features features features ? temperature stability to +/-3 x 10 -8 over -20 o oo o c to +70 o oo o c ? low power consumption: <0.7w @ 25 o oo o c, <1.1w @-40 o oo o c ? low profile package: 0.93(w) x 1.03 (l) x 0.35 (h ) ? fast warm-up: 2 minutes @ 25 o oo o c ? frequencies:10 to 20mhz ? patented technique (u.s. patent 5,917,272) performance characteristics parameters options conditions units minimum typica l maximum frequency mhz 10 20 d v 3.135 3.3 3.465 supply voltage c v 4.75 5.0 5.25 turn-on power for 2 minutes @ 25 o c w 2.5 steady state @ 25 o c w 0.70 power consumption steady state @ -40 o c w 1.10 <1 x 10 -6 sec 90 warm-up time @ 25 o c <1 x 10 -7 sec 120 operating o c -55 +85 temperature storage o c -55 +85 duty cycle % 40 60 rise/fall time (10% to 90% vdd) with15pf load nsec 7 logic level 0 volt 0.1vdd cmos output a logic level 1 volt 0.9vdd g sine into 50ohms load dbm 0.0 1.5 3 h sine into 50ohms load dbm 3.0 4.5 6 harmonics dbc -25 sine output spurious dbc -60 c-208 0 o c to +70 o c reference to frequency @ 25 o c ppb +/-20 d-308 -20 o c to +70 o c reference to frequency @ 25 o c ppb +/-30 f-508 -40 o c to +85 o c reference to frequency @ 25 o c ppb +/-50 +/-5% of supply voltage ppb +/-10 stability +/-5% of load change ppb +/-10 after 7 days of operation ppb/day 2 1 st year ppb/year 200 10 to <12mhz ppb/10year 1000 12 to <16mhz ppb/10year 1500 aging 16 to 20mhz ppb/10year 2000 allan deviation tau = 1 second 2 x 10 -10 @ 10hz dbc/hz -100 @ 100hz dbc/hz -130 @ 1khz dbc/hz -140 @ 10khz dbc/hz -145 phase noise @ 100khz dbc/hz -150 efc (0v to vdd) a reference to nominal frequency sufficient to compen sate 10 years aging fixed frequency f initial accuracy reference to nominal frequency ppm -1.0 +1.0 g-sensitivity test at 10g sine vibration at 100hz /g 1 x 10 -9
ex-240 evacuated miniature oven controlled crystal oscillator emxo tm vectron international - 267 lowell road, hudson, nh 03051 - tel: 1-88-vectron-1 - web: www.vectron.com - 2 - environmental conditions (designed to meet) ? mechanical shock (survive): mil-std-202, test met hod 213, condition e (1000g, 0.5msec) ? vibration random (survive): mil-std-202, test met hod 214, condition i-h (20grms, 3 minutes/axis) ? vibration sine (survive): mil-std-202, test metho d 204, condition d (20grms, 20 minutes/axis) ? thermal shock (survive): mil-std-202, test method 107, condition a-2 (50 cycles, -55 o c to +85 o c) package outline ordering information pin function pin # with efc fixed frequency 1 efc no connection 2-4 no connection (internal use only) no connection (internal use only) 8 case/gnd case/gnd 9 output output 13-15 no connection no connection 16 supply supply pin numbers are for reference only. they do not app ear on unit 150 183 220 60s 60-90s 45-60s time (s) temperature ( o c) reflow profile reflow profile ex 240 c a d 5 0 8 a 12.8000 ex = emxo package 240 supply voltage d = 3.3 vdc +/-5% c = 5.0 vdc +/-5% output a = cmos g = +0dbm sine h = +3dbm sine temperature & stability c-208 = +/-20 ppb over -0 o c to +70 o c d-308 = +/-30 ppb over -20 o c to +70 o c f-508 = +/-50 ppb over -40 o c to +85 o c other options a = electrical frequency control (efc) f = fixed frequency output frequency 10.0000 mhz 12.8000 mhz 13.0000 mhz 16.3840 mhz 20.0000 mhz mhz - - - -


▲Up To Search▲   

 
Price & Availability of EX-240-DAD-308F-128000MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X